Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6905 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM6905
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM6905 Datasheet HTML 8Page - STMicroelectronics STM6905 Datasheet HTML 9Page - STMicroelectronics STM6905 Datasheet HTML 10Page - STMicroelectronics STM6905 Datasheet HTML 11Page - STMicroelectronics STM6905 Datasheet HTML 12Page - STMicroelectronics STM6905 Datasheet HTML 13Page - STMicroelectronics STM6905 Datasheet HTML 14Page - STMicroelectronics STM6905 Datasheet HTML 15Page - STMicroelectronics STM6905 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
DC and AC parameters
STM6905
12/19
6
DC and AC parameters
This section summarizes the operating measurement conditions and the DC and AC
characteristics of the device. Designers should check that the operating conditions in their
circuit match the operating conditions when relying on the quoted parameters.
Table 4.
DC and AC characteristics
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
VCC
Operating voltage
0.8
5.5
V
ICC
VCC supply current
VCC < 5.5 V
12
16
µA
VCC = 3.3 V
11
15
I2IN
V2IN supply curent
V2IN = 3.3 V
3
5
µA
ILI
Input leakage current -
(MR)(2)
VIN = VCC or VSS
-0.5
+0.5
µA
ILO
(3)
Open drain RST output
leakage current
VCC > VRST;
RST not asserted
-0.5
+0.5
µA
VOL
Output low voltage
(RST; open drain)
VCC ≥ 0.8V, ISINK = 1 µA
0.3
V
VCC ≥ 1.0V, ISINK = 50 µA
0.3
V
VCC ≥ 1.2V, ISINK = 100 µA
0.3
V
VCC ≥ 2.7V, ISINK = 1.2 mA
0.3
V
VCC ≥ 4.5V, ISINK = 3.2 mA
0.4
V
VRST1
(4)
VTH1
VCC reset threshold
T (falling)
25°C
3.047
3.078
3.109
V
-40°C to 85°C
3.023
3.133
S (falling)
25°C
2.925
2.955
2.985
V
-40°C to 85°C
2.902
3.008
P (falling)
25°C
2.837
2.866
2.895
V
-40°C to 85°C
2.814
2.918
VRST2
(4)
VTH2
V2IN reset threshold
Z (falling)
25°C
2.310
2.333
2.356
V
-40°C to 85°C
2.291
2.375
Y (falling)
25°C
2.166
2.188
2.210
V
-40°C to 85°C
2.149
2.227
W (falling)
25°C
1.666
1.683
1.700
V
-40°C to 85°C
1.653
1.713
G (falling)
25°C
1.099
1.110
1.121
V
-40°C to 85°C
1.090
1.130
F (falling)
25°C
1.040
1.050
1.061
V
-40°C to 85°C
1.031
1.069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com