Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6905 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6905
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905 Datasheet(HTML) 1 Page - STMicroelectronics

  STM6905 Datasheet HTML 1Page - STMicroelectronics STM6905 Datasheet HTML 2Page - STMicroelectronics STM6905 Datasheet HTML 3Page - STMicroelectronics STM6905 Datasheet HTML 4Page - STMicroelectronics STM6905 Datasheet HTML 5Page - STMicroelectronics STM6905 Datasheet HTML 6Page - STMicroelectronics STM6905 Datasheet HTML 7Page - STMicroelectronics STM6905 Datasheet HTML 8Page - STMicroelectronics STM6905 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2008
Rev 3
1/19
1
STM6905
Quintuple, ultralow voltage supervisor
with push-button reset
Features
Quintuple voltage monitoring
Accurate ±1.8% across temperature voltage
threshold (±1% at 25°C)
Primary supply (VCC) monitor. Fixed (factory -
programmed) reset thresholds: 3.078 V to
2.866 V
Second fixed (V2IN) monitor. Fixed (factory-
programmed) reset thresholds: 2.333 V to
1.050 V
Three additional adjustable supply monitor
inputs (externally adjustable)
600 mV internal reference
RST output (open drain)
Output guaranteed for VCC ≥ 0.8 V
Reset delay time (trec) on power-up: 210 ms
(typ)
Manual reset input (MR)
Low supply current of 12 µA (typ)
Power supply voltage 0.8 V to 5.5 V
RoHS compliant (green package)
8-pin MSOP/TSSOP
Operating temperature: –40°C to 85°C
(industrial grade)
Applications
Set-top boxes
Multi-voltage systems
Cable/satellite applications
Computer systems
Data storage equipment
MSOP8
(TSSOP8) (DS)
Table 1.
Device summary(1)
Order code
VRST1 (V)
VRST2 (V)
tREC (ms)
Package
STM6905TZEDS6F
3.078
2.333
210
MSOP8(TSSOP8)
STM6905TWEDS6F
3.078
1.683
210
MSOP8(TSSOP8)
STM6905TGEDS6F
3.078
1.110
210
MSOP8(TSSOP8)
STM6905SYEDS6F
2.955
2.188
210
MSOP8(TSSOP8)
STM6905SFEDS6F
2.955
1.050
210
MSOP8(TSSOP8)
STM6905PWEDS6F
2.866
1.683
210
MSOP8(TSSOP8)
1.
Other reset threshold voltages and tREC time-out periods are offered. Minimum order quantities may apply. Contact local
ST sales office for availability.
www.st.com


Similar Part No. - STM6905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM690 STMICROELECTRONICS-STM690 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM690 STMICROELECTRONICS-STM690 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6904PWEDS6E STMICROELECTRONICS-STM6904PWEDS6E Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
More results

Similar Description - STM6905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
5-pin supervisor with watchdog timer and push-button reset
03-Jun-2008
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
Push Button PowerPathTM Controller with Supervisor
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
Reset push button
19-Mar-2014
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
5-pin supervisor with watchdog timer and push-button reset
13-Jun-2016
logo
Texas Instruments
TPS3899 TI-TPS3899_V04 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com