Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1A1 Datasheet (PDF) - Gulf Semiconductor

1A1 Datasheet PDF - Gulf Semiconductor
Part # 1A1
Download  1A1 Download
File Size   638.31 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description MINIATURE PLASTIC RECTIFIERVOLTAGE50 TO 1000V CURRENT 1.0A

1A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1A1 Datasheet PDF - Gulf Semiconductor

Part # 1A1
Download  1A1 Click to download

File Size   638.31 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description MINIATURE PLASTIC RECTIFIERVOLTAGE50 TO 1000V CURRENT 1.0A

1A1 Datasheet (HTML) - Gulf Semiconductor


1A1 Product details

VOLTAGE50 TO 1000V CURRENT 1.0A

FEATURE
• Molded case feature for auto insertion
• High current capability
• Low leakage current
• High surge capability
• High temperature soldering guaranteed
• 250°C/10sec/0.375”lead length at 5 lbs tension




Similar Part No. - 1A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A1 PANJIT-1A1 Datasheet
52Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
1A1 WTE-1A1 Datasheet
54Kb / 3P
1.0A MINIATURE SILICON RECTIFIER
logo
Zowie Technology Corpor...
1A1 ZOWIE-1A1 Datasheet
45Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1A1 RECTRON-1A1 Datasheet
210Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
1A1 JGD-1A1 Datasheet
140Kb / 2P
1.0 AMP.SILICON RECTIFIERS
More results


Similar Description - 1A1

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1G1 GULFSEMI-1G1 Datasheet
638Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER VOLTAGE50 TO 1000V CURRENT 1.0A
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001E GULFSEMI-1N4001E Datasheet
86Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
FR101 GULFSEMI-FR101 Datasheet
1,019Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
G6A GULFSEMI-G6A Datasheet
835Kb / 2P
MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com