Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4933GP Datasheet (PDF) - Gulf Semiconductor

1N4933GP Datasheet PDF - Gulf Semiconductor
Part # 1N4933GP
Download  1N4933GP Download
File Size   172.11 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A

1N4933GP Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4933GP Datasheet PDF - Gulf Semiconductor

Part # 1N4933GP
Download  1N4933GP Click to download

File Size   172.11 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A

1N4933GP Datasheet (HTML) - Gulf Semiconductor


1N4933GP Product details

VOLTAGE:50 TO 600V CURRENT: 1.0A



FEATURE

• High temperature metallurgic ally bonded construction

• Sintered glass cavity free junction

• Capability of meeting environmental standard of MIL-S-19500

• High temperature soldering guaranteed

• 350°C/10sec/0.375”lead length at 5 lbs tension

• Operate at Ta =75°C with no thermal run away

• Typical Ir<0.1µA



 




Similar Part No. - 1N4933GP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4933GP FAIRCHILD-1N4933GP Datasheet
32Kb / 2P
1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
General Semiconductor
1N4933GP GE-1N4933GP Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
logo
Fairchild Semiconductor
1N4933GP FAIRCHILD-1N4933GP Datasheet
46Kb / 3P
Fast Rectifiers (Glass Passivated)
logo
First Components Intern...
1N4933GP FCI-1N4933GP Datasheet
153Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS
More results


Similar Description - 1N4933GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4933G GULFSEMI-1N4933G Datasheet
150Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
BYT43JGP GULFSEMI-BYT43JGP Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
GUF10A GULFSEMI-GUF10A Datasheet
159Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1200V CURRENT: 1.0A
RG1J GULFSEMI-RG1J Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
RU2KGF GULFSEMI-RU2KGF Datasheet
224Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800V CURRENT: 1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com