Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4933G Datasheet (PDF) - Gulf Semiconductor

1N4933G Datasheet PDF - Gulf Semiconductor
Part # 1N4933G
Download  1N4933G Download
File Size   150.71 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A

1N4933G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4933G Datasheet PDF - Gulf Semiconductor

Part # 1N4933G
Download  1N4933G Click to download

File Size   150.71 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A

1N4933G Datasheet (HTML) - Gulf Semiconductor


1N4933G Product details

VOLTAGE:50 TO 600V CURRENT: 1.0A

FEATURE
   High temperature metallurgic ally bonded construction
   Glass Passivated cavity free junction
   Capability of meeting environmental standard of
   MIL-S-19500
   High temperature soldering guaranteed
   250°C/10sec/0.375”lead length at 5 lbs tension
   Operate at Ta =75°C with no thermal run away
   Typical Ir<0.1µA




Similar Part No. - 1N4933G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4933G RECTRON-1N4933G Datasheet
28Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Shanghai Sunrise Electr...
1N4933G SSE-1N4933G Datasheet
16Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
1N4933G BYTES-1N4933G Datasheet
160Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
1N4933G DCCOM-1N4933G Datasheet
408Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Similar Description - 1N4933G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4933 GULFSEMI-1N4933 Datasheet
149Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
BYT43JGP GULFSEMI-BYT43JGP Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
GUF10A GULFSEMI-GUF10A Datasheet
159Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1200V CURRENT: 1.0A
RG1J GULFSEMI-RG1J Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com