Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4933 Datasheet (PDF) - Gulf Semiconductor

1N4933 Datasheet PDF - Gulf Semiconductor
Part # 1N4933
Download  1N4933 Download
File Size   149.89 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A

1N4933 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4933 Datasheet PDF - Gulf Semiconductor

Part # 1N4933
Download  1N4933 Click to download

File Size   149.89 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A

1N4933 Datasheet (HTML) - Gulf Semiconductor


1N4933 Product details

VOLTAGE:50 TO 600V CURRENT: 1.0A



FEATURE

• Molded case feature for auto insertion

• High current capability

• Low leakage current

• High surge capability

• High temperature soldering guaranteed

• 250°C/10sec/0.375”lead length at 5 lbs tension

• Fast switching for high efficiency



 




Similar Part No. - 1N4933

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Pan Jit International I...
1N4933 PANJIT-1N4933 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N4933 SURGE-1N4933 Datasheet
150Kb / 4P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
1N4933 TRSYS-1N4933 Datasheet
134Kb / 3P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
1N4933 WTE-1N4933 Datasheet
47Kb / 3P
1.0A FAST RECOVERY RECTIFIER
More results


Similar Description - 1N4933

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4933G GULFSEMI-1N4933G Datasheet
150Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
BYT43JGP GULFSEMI-BYT43JGP Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
EU2JP GULFSEMI-EU2JP Datasheet
82Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT:1.0A
FR101 GULFSEMI-FR101 Datasheet
1,019Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
ER100 DACHANG-ER100 Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com