Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4946 Datasheet (PDF) - Gulf Semiconductor

1N4946 Datasheet PDF - Gulf Semiconductor
Part # 1N4946
Download  1N4946 Download
File Size   136.2 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A

1N4946 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4946 Datasheet PDF - Gulf Semiconductor

Part # 1N4946
Download  1N4946 Click to download

File Size   136.2 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A

1N4946 Datasheet (HTML) - Gulf Semiconductor


1N4946 Product details

VOLTAGE:50 TO 1000V CURRENT: 1.0A
   
FEATURE
    Molded case feature for auto insertion
    High current capability
    Low leakage current
    High surge capability
    High temperature soldering guaranteed
    250°C/10sec/0.375”lead length at 5 lbs tension
    Fast switching for high efficiency
   




Similar Part No. - 1N4946

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4946 PANJIT-1N4946 Datasheet
55Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
1N4946 TRSYS-1N4946 Datasheet
162Kb / 3P
FAST SWITCHING PLASTIC RECTIFIER
logo
Zowie Technology Corpor...
1N4946 ZOWIE-1N4946 Datasheet
48Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
1N4946 RECTRON-1N4946 Datasheet
26Kb / 2P
FAST RECOVERY RECTIFIER
logo
Bytes
1N4946 BYTES-1N4946 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results


Similar Description - 1N4946

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4933 GULFSEMI-1N4933 Datasheet
149Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
FR101 GULFSEMI-FR101 Datasheet
1,019Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
FR151 GULFSEMI-FR151 Datasheet
466Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
FR201 GULFSEMI-FR201 Datasheet
568Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
FR301 GULFSEMI-FR301 Datasheet
1Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
logo
Rugao Dachang Electroni...
FR101 DACHANG-FR101 Datasheet
124Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com