Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10EDB60 Datasheet (PDF) - Gulf Semiconductor

10EDB60 Datasheet PDF - Gulf Semiconductor
Part # 10EDB60
Download  10EDB60 Download
File Size   167.64 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 1.0A

10EDB60 Datasheet (PDF)

Go To PDF Page Download Datasheet
10EDB60 Datasheet PDF - Gulf Semiconductor

Part # 10EDB60
Download  10EDB60 Click to download

File Size   167.64 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 1.0A

10EDB60 Datasheet (HTML) - Gulf Semiconductor


10EDB60 Product details

VOLTAGE: 600V CURRENT: 1.0A



FEATURE

• Molded case feature for auto insertion

• High current capability

• Low leakage current

• High surge capability

• High temperature soldering guaranteed 250°C /10sec/0.375" lead length at 5 lbs tension

• Glass Passivated chip



 




Similar Part No. - 10EDB60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10EDB60 NIEC-10EDB60 Datasheet
36Kb / 5P
DIODE - 1A 600V TJ =150C
logo
SUNMATE electronic Co.,...
10EDB60 SUNMATE-10EDB60 Datasheet
293Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
logo
Kyocera Kinseki Corpota...
10EDB60 KSS-10EDB60 Datasheet
1,005Kb / 6P
Schottky Barrier Diode
logo
National Instruments Co...
10EDB60 NI-10EDB60_15 Datasheet
136Kb / 1P
Standard Recovery Diode
10EDB60_2015 NI-10EDB60_2015 Datasheet
136Kb / 1P
Standard Recovery Diode
More results


Similar Description - 10EDB60

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1EDG GULFSEMI-1EDG Datasheet
74Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
1N4007G-1 GULFSEMI-1N4007G-1 Datasheet
91Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1N4933G GULFSEMI-1N4933G Datasheet
150Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
10ERB20DG GULFSEMI-10ERB20DG Datasheet
171Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
MUR105 GULFSEMI-MUR105 Datasheet
97Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
MURS105 GULFSEMI-MURS105 Datasheet
134Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
MURS180-A GULFSEMI-MURS180-A Datasheet
114Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
RU1JG GULFSEMI-RU1JG Datasheet
84Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
SSF1JG GULFSEMI-SSF1JG Datasheet
101Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
SSF1KG GULFSEMI-SSF1KG Datasheet
100Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com