Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY268GP Datasheet (PDF) - Gulf Semiconductor

BY268GP Datasheet PDF - Gulf Semiconductor
Part # BY268GP
Download  BY268GP Download
File Size   148.17 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1400 TO 1600V CURRENT: 0.8A

BY268GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BY268GP Datasheet PDF - Gulf Semiconductor

Part # BY268GP
Download  BY268GP Click to download

File Size   148.17 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1400 TO 1600V CURRENT: 0.8A

BY268GP Datasheet (HTML) - Gulf Semiconductor


BY268GP Product details

VOLTAGE:1400 TO 1600V CURRENT: 0.8A

FEATURE
    High temperature metallurgically bonded construction
    Sintered glass cavity free junction
    Capability of meeting environmental standard of MIL-S-19500
    High temperature soldering guaranteed 350°C/10sec/0.375”lead length at 5 lbs tension
    Operate at Ta =55°C with no thermal run away
    Typical Ir<0.2µA




Similar Part No. - BY268GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
logo
Diodes Incorporated
BY268 DIODES-BY268 Datasheet
75Kb / 2P
0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
DS30035 Rev. A
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
13-Apr-05
logo
Gulf Semiconductor
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
119Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
More results


Similar Description - BY268GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY203-20S GULFSEMI-BY203-20S Datasheet
85Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
GP08A GULFSEMI-GP08A Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 0.8A
GP10Y GULFSEMI-GP10Y Datasheet
160Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1600V CURRENT: 1.0A
GP30N GULFSEMI-GP30N Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1100V to 1600V CURRENT: 3.0A
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RGP40M GULFSEMI-RGP40M Datasheet
100Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 4.0A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
logo
Rectron Semiconductor
BYV26EGP RECTRON-BYV26EGP Datasheet
69Kb / 4P
SINTERED GLASS JUNCTION FAST SWITCHING PlASTIC RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com