Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT52MGR Datasheet (PDF) - Gulf Semiconductor

BYT52MGR Datasheet PDF - Gulf Semiconductor
Part # BYT52MGR
Download  BYT52MGR Download
File Size   108.21 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.4A

BYT52MGR Datasheet (PDF)

Go To PDF Page Download Datasheet
BYT52MGR Datasheet PDF - Gulf Semiconductor

Part # BYT52MGR
Download  BYT52MGR Click to download

File Size   108.21 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.4A

BYT52MGR Datasheet (HTML) - Gulf Semiconductor


BYT52MGR Product details

VOLTAGE: 1000V CURRENT: 1.4A



FEATURE

  High temperature metallurgic ally bonded construction

  Sintered glass cavity free junction

  Capability of meeting environmental standard of MIL-S-19500

  High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension



 




Similar Part No. - BYT52MGR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT52M VISHAY-BYT52M Datasheet
42Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
logo
Galaxy Semi-Conductor H...
BYT52M BILIN-BYT52M Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
BYT52M EIC-BYT52M Datasheet
43Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT52M VISHAY-BYT52M Datasheet
114Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
logo
Diode Semiconductor Kor...
BYT52M DSK-BYT52M Datasheet
266Kb / 2P
FAST RECOVERY RECTIFIERS
More results


Similar Description - BYT52MGR

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4942GP GULFSEMI-1N4942GP Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 1.0A
BYV26EAGP GULFSEMI-BYV26EAGP Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
BYV36AGP GULFSEMI-BYV36AGP Datasheet
231Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00 - 1000V CURRENT: 1.5A
BYW96D GULFSEMI-BYW96D Datasheet
120Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 3.0A
EG1MGF GULFSEMI-EG1MGF Datasheet
180Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
GUF20A GULFSEMI-GUF20A Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RGP40M GULFSEMI-RGP40M Datasheet
100Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 4.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com