Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW32GP Datasheet (PDF) - Gulf Semiconductor

BYW32GP Datasheet PDF - Gulf Semiconductor
Part # BYW32GP
Download  BYW32GP Download
File Size   88.59 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 600V CURRENT: 2.0A

BYW32GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW32GP Datasheet PDF - Gulf Semiconductor

Part # BYW32GP
Download  BYW32GP Click to download

File Size   88.59 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 600V CURRENT: 2.0A

BYW32GP Datasheet (HTML) - Gulf Semiconductor


BYW32GP Product details

FEATURE
    High temperature metallurgically bonded construction
    Sintered glass cavity free junction
    Capability of meeting environmental standard of MIL-S-19500
    High temperature soldering guaranteed
    350°C /10sec/0.375”lead length at 5 lbs tension
    Operate at Ta =55°C with no thermal run away
    Typical Ir<0.1µA




Similar Part No. - BYW32GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
logo
General Semiconductor
BYW32 GE-BYW32 Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYW32 BILIN-BYW32 Datasheet
72Kb / 2P
FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
BYW32 EIC-BYW32 Datasheet
50Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Vishay Siliconix
BYW32 VISHAY-BYW32 Datasheet
118Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
More results


Similar Description - BYW32GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYV95AGP GULFSEMI-BYV95AGP Datasheet
85Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 600V CURRENT: 1.5A
BYW72GP GULFSEMI-BYW72GP Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 600V CURRENT: 3.0A
GUF20A GULFSEMI-GUF20A Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
RG2J GULFSEMI-RG2J Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
RGP20A GULFSEMI-RGP20A Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
RGPB50J GULFSEMI-RGPB50J Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 5.0A
RU4AGF GULFSEMI-RU4AGF Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A
RU20JGF GULFSEMI-RU20JGF Datasheet
95Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
TVR06J GULFSEMI-TVR06J Datasheet
165Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 0.6A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com