Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGP20A Datasheet (PDF) - Gulf Semiconductor

RGP20A Datasheet PDF - Gulf Semiconductor
Part # RGP20A
Download  RGP20A Download
File Size   147.15 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A

RGP20A Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP20A Datasheet PDF - Gulf Semiconductor

Part # RGP20A
Download  RGP20A Click to download

File Size   147.15 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A

RGP20A Datasheet (HTML) - Gulf Semiconductor


RGP20A Product details

VOLTAGE:50 TO 1000V CURRENT: 2.0A



FEATURE

  High temperature metallurgically bonded construction

  Sintered glass cavity free junction

  Capability of meeting environmental standard of MIL-S-19500

  High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension

  Operate at Ta =55°C with no thermal run away

  Typical Ir<0.1µA



 




Similar Part No. - RGP20A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGP20A GE-RGP20A Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Micro Commercial Compon...
RGP20A MCC-RGP20A Datasheet
83Kb / 3P
2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
First Components Intern...
RGP20A FCI-RGP20A Datasheet
150Kb / 2P
2.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
logo
Taiwan Semiconductor Co...
RGP20A TSC-RGP20A Datasheet
72Kb / 2P
2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
More results


Similar Description - RGP20A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYT42AGP GULFSEMI-BYT42AGP Datasheet
78Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.25A
GP20A GULFSEMI-GP20A Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GUF15A GULFSEMI-GUF15A Datasheet
104Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GUF20A GULFSEMI-GUF20A Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
RGP15A GULFSEMI-RGP15A Datasheet
135Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGP25A GULFSEMI-RGP25A Datasheet
137Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
RGP30A GULFSEMI-RGP30A Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
RU2AGF GULFSEMI-RU2AGF Datasheet
99Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RU3JGF GULFSEMI-RU3JGF Datasheet
143Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RU4AGF GULFSEMI-RU4AGF Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com