Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1A Datasheet (PDF) - Gulf Semiconductor

ES1A Datasheet PDF - Gulf Semiconductor
Part # ES1A
Download  ES1A Download
File Size   104.32 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A

ES1A Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1A Datasheet PDF - Gulf Semiconductor

Part # ES1A
Download  ES1A Click to download

File Size   104.32 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A

ES1A Datasheet (HTML) - Gulf Semiconductor


ES1A Product details

VOLTAGE:50 TO 600V CURRENT:1.0A



FEATURE

  Ideal for surface mount pick and place application

  Low profile package

  Built-in strain relief

  High surge capability

  High temperature soldering guaranteed 260℃ /10sec/at terminals

  Glass passivated chip

  Ultrafast recovery time for high efficiency



 




Similar Part No. - ES1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1A PANJIT-ES1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1A PHILIPS-ES1A Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1A PHILIPS-ES1A Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1A SURGE-ES1A Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1A TRSYS-ES1A Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results


Similar Description - ES1A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
ES2A GULFSEMI-ES2A Datasheet
162Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
ES2A-A GULFSEMI-ES2A-A Datasheet
164Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
FS4 GULFSEMI-FS4 Datasheet
244Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00 V CURRENT竊?1.0A
GU1A GULFSEMI-GU1A Datasheet
233Kb / 3P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
GU3A GULFSEMI-GU3A Datasheet
213Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
MURS340-B GULFSEMI-MURS340-B Datasheet
103Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V TO 600V CURRENT竊?3.0A
US1J GULFSEMI-US1J Datasheet
246Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com