Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1J Datasheet (PDF) - Gulf Semiconductor

US1J Datasheet PDF - Gulf Semiconductor
Part # US1J
Download  US1J Download
File Size   246.28 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A

US1J Datasheet (PDF)

Go To PDF Page Download Datasheet
US1J Datasheet PDF - Gulf Semiconductor

Part # US1J
Download  US1J Click to download

File Size   246.28 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A

US1J Datasheet (HTML) - Gulf Semiconductor


US1J Product details

FEATURE
    Ideal for surface mount pick and place application
    Low profile package
    Built-in strain relief
    High surge capability
    High temperature soldering guaranteed 260℃ /10sec/at terminals
    Glass passivated chip
    Ultrafast recovery time for high efficiency




Similar Part No. - US1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1J PANJIT-US1J Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1J PHILIPS-US1J Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1J SURGE-US1J Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1J TRSYS-US1J Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
US1J SSE-US1J Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
More results


Similar Description - US1J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1A GULFSEMI-ES1A Datasheet
104Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
FS4 GULFSEMI-FS4 Datasheet
244Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00 V CURRENT竊?1.0A
GU1M-E GULFSEMI-GU1M-E Datasheet
151Kb / 2P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?1.0A
GU1Q-B GULFSEMI-GU1Q-B Datasheet
223Kb / 2P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
MU3D GULFSEMI-MU3D Datasheet
91Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
MURS340-B GULFSEMI-MURS340-B Datasheet
103Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V TO 600V CURRENT竊?3.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
UGPP10D GULFSEMI-UGPP10D Datasheet
129Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00 TO 600V CURRENT竊?1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com