Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2B-A Datasheet (PDF) - Gulf Semiconductor

ES2B-A Datasheet PDF - Gulf Semiconductor
Part # ES2B-A
Download  ES2B-A Download
File Size   164.07 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A

ES2B-A Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2B-A Datasheet PDF - Gulf Semiconductor

Part # ES2B-A
Download  ES2B-A Click to download

File Size   164.07 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A

ES2B-A Datasheet (HTML) - Gulf Semiconductor


ES2B-A Product details

VOLTAGE:50 TO 400V CURRENT:2.0A

FEATURE
    Ideal for surface mount pick and place application
    Low profile package
    Built-in strain relief
    High surge capability
    High temperature soldering guaranteed
    260℃ /10sec/at terminals
    Glass passivated chip
    Ultrafast recovery time for high efficiency




Similar Part No. - ES2B-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES2B-13-F DIODES-ES2B-13-F Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 12
logo
Vishay Siliconix
ES2B-E3-52T VISHAY-ES2B-E3-52T Datasheet
83Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
30-Oct-13
logo
Micro Commercial Compon...
ES2B-L MCC-ES2B-L Datasheet
400Kb / 4P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Shanghai Leiditech Elec...
ES2B-L LEIDITECH-ES2B-L Datasheet
534Kb / 2P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Frontier Electronics.
ES2B-LFR FRONTIER-ES2B-LFR Datasheet
129Kb / 2P
2A FAST EFFICIENT SURFACE MOUNT RECTIFIER
More results


Similar Description - ES2B-A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1A GULFSEMI-ES1A Datasheet
104Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
ES2A GULFSEMI-ES2A Datasheet
162Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
GU3A GULFSEMI-GU3A Datasheet
213Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
UGS2J GULFSEMI-UGS2J Datasheet
114Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com