Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERP15K Datasheet (PDF) - Gulf Semiconductor

FERP15K Datasheet PDF - Gulf Semiconductor
Part # FERP15K
Download  FERP15K Download
File Size   65.67 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 15.0A

FERP15K Datasheet (PDF)

Go To PDF Page Download Datasheet
FERP15K Datasheet PDF - Gulf Semiconductor

Part # FERP15K
Download  FERP15K Click to download

File Size   65.67 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 15.0A

FERP15K Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - FERP15K

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FERP10F GULFSEMI-FERP10F Datasheet
66Kb / 2P
Ultrafast Plastic Power Rectifiers VOLTAGE: 300V CURRENT: 10.0A
FERP16J GULFSEMI-FERP16J Datasheet
78Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:16.0A
FERP16K GULFSEMI-FERP16K Datasheet
75Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 800V CURRENT:16.0A
More results


Similar Description - FERP15K

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESP05K GULFSEMI-FESP05K Datasheet
70Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 5.0A
FESP08K GULFSEMI-FESP08K Datasheet
69Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 8.0A
FESP10K GULFSEMI-FESP10K Datasheet
70Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 10.0A
UERP15D GULFSEMI-UERP15D Datasheet
183Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:15.0A
UESA15J GULFSEMI-UESA15J Datasheet
71Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:15.0A
UESP05K GULFSEMI-UESP05K Datasheet
176Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 5.0A
UESP08K GULFSEMI-UESP08K Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT:8.0A
UESP15J GULFSEMI-UESP15J Datasheet
73Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:15.0A
UESP15JS GULFSEMI-UESP15JS Datasheet
82Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:15.0A
UGSP15D GULFSEMI-UGSP15D Datasheet
76Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:15.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com