Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3B Datasheet (PDF) - Gulf Semiconductor

G3B Datasheet PDF - Gulf Semiconductor
Part # G3B
Download  G3B Download
File Size   136.4 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 100V to 800V CURRENT: 3.0A

G3B Datasheet (PDF)

Go To PDF Page Download Datasheet
G3B Datasheet PDF - Gulf Semiconductor

Part # G3B
Download  G3B Click to download

File Size   136.4 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 100V to 800V CURRENT: 3.0A

G3B Datasheet (HTML) - Gulf Semiconductor


G3B Product details

FEATURE
    High temperature metallurgically bonded construction
    Sintered glass cavity free junction
    High temperature soldering guaranteed
    350°C /10sec/0.375”lead length at 5 lbs tension




Similar Part No. - G3B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G3B GE-G3B Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Omron Electronics LLC
G3B OMRON-G3B Datasheet
408Kb / 5P
International Standards for G3B Series, Same Profile as MK Power Relays
logo
New Jersey Semi-Conduct...
G3B NJSEMI-G3B Datasheet
89Kb / 1P
Glass Passivated Junction Rectifier
logo
Omron Electronics LLC
G3B OMRON-G3B Datasheet
694Kb / 36P
Digital Controller
logo
Nihon Kaiheiki Industry...
G3B NKK-G3B Datasheet
405Kb / 6P
Ultra-Miniature Process Sealed SMT Pushbuttons
More results


Similar Description - G3B

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
BYM26D GULFSEMI-BYM26D Datasheet
67Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 2.3A
BYW82GP GULFSEMI-BYW82GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 3.0A
BYW178 GULFSEMI-BYW178 Datasheet
71Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GP30N GULFSEMI-GP30N Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1100V to 1600V CURRENT: 3.0A
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com