Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR460A Datasheet (PDF) - Gulf Semiconductor

MUR460A Datasheet PDF - Gulf Semiconductor
Part # MUR460A
Download  MUR460A Download
File Size   89.87 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers

MUR460A Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR460A Datasheet PDF - Gulf Semiconductor

Part # MUR460A
Download  MUR460A Click to download

File Size   89.87 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers

MUR460A Datasheet (HTML) - Gulf Semiconductor


MUR460A Product details

VOLTAGE: 600V CURRENT:4.0A



FEATURE

Plastic package has Underwriters Laboratories lammability Classification 94V-0

Ideally suited for use in very high frequency switching ower supplies, inverters and as free wheeling diodes

Ultra fast recovery time for high efficiency

Excellent high temperature switching

Glass passivated junction

High temperature soldering guaranteed: 250℃ /10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



MECHANICAL DATA

Case: JEDEC DO-201AD molded plastic body over passivated chip

Terminals: Plated axial leads, solderable per MIL-STD-750,Method 2026

Polarity: Color band denotes cathode end

Mounting Position: Any

Weight: 0.045 oz., 1.2 g




Similar Part No. - MUR460A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MUR460AX SMC-MUR460AX Datasheet
163Kb / 5P
ULTRAFAST RECTIFIERS
More results


Similar Description - MUR460A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MUR260 GULFSEMI-MUR260 Datasheet
78Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR420 GULFSEMI-MUR420 Datasheet
108Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR480 GULFSEMI-MUR480 Datasheet
91Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Leshan Radio Company
LUR160 LRC-LUR160_15 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers
LUR460 LRC-LUR460_15 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
LUR1100 LRC-LUR1100_15 Datasheet
358Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
UG2D LRC-UG2D_15 Datasheet
177Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
logo
Nanjing International G...
MUR260 DGNJDZ-MUR260 Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR260 YFWDIODE-MUR260 Datasheet
288Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR260-DO-15 YFWDIODE-MUR260-DO-15 Datasheet
316Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com