Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR480 Datasheet (PDF) - Gulf Semiconductor

MUR480 Datasheet PDF - Gulf Semiconductor
Part # MUR480
Download  MUR480 Download
File Size   91.14 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers

MUR480 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR480 Datasheet PDF - Gulf Semiconductor

Part # MUR480
Download  MUR480 Click to download

File Size   91.14 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers

MUR480 Datasheet (HTML) - Gulf Semiconductor


MUR480 Product details

GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers

VOLTAGE: 800V CURRENT:4.0A



FEATURE

• Plastic package has Underwriters Laboratories

   Flammability Classification 94V-0

• Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes

• Ultra fast recovery time for high efficiency

• Excellent high temperature switching

• Glass passivated junction

• High temperature soldering guaranteed: 250°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - MUR480

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR480 MCC-MUR480 Datasheet
91Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
MUR480 CHENYI-MUR480 Datasheet
58Kb / 2P
4Amp super fast recovery rectifier 50to1000 volts
logo
Shenzhen Ping Sheng Ele...
MUR480 PFS-MUR480 Datasheet
166Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR480 MCC-MUR480 Datasheet
431Kb / 3P
4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
logo
Frontier Electronics.
MUR480 FRONTIER-MUR480 Datasheet
128Kb / 2P
4A FAST EFFICIENT RECTIFIER
More results


Similar Description - MUR480

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MUR260 GULFSEMI-MUR260 Datasheet
78Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR420 GULFSEMI-MUR420 Datasheet
108Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR460A GULFSEMI-MUR460A Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Leshan Radio Company
LUR160 LRC-LUR160_15 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers
LUR460 LRC-LUR460_15 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
LUR1100 LRC-LUR1100_15 Datasheet
358Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
UG2D LRC-UG2D_15 Datasheet
177Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
logo
Nanjing International G...
MUR260 DGNJDZ-MUR260 Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR260 YFWDIODE-MUR260 Datasheet
288Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR260-DO-15 YFWDIODE-MUR260-DO-15 Datasheet
316Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com