Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337-16 Datasheet (PDF) - Micro Commercial Components

BC337-16 Datasheet PDF - Micro Commercial Components
Part # BC337-16
Download  BC337-16 Download
File Size   125.15 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistors

BC337-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC337-16 Datasheet PDF - Micro Commercial Components

Part # BC337-16
Download  BC337-16 Click to download

File Size   125.15 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistors

BC337-16 Datasheet (HTML) - Micro Commercial Components


BC337-16 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Capable of 0.625Watts of Power Dissipation.
• Collector-current 0.8A
• Collector-base Voltage :VCBO=50V(BC337) , VCBO=30V(BC338)
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - BC337-16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337-16 MOTOROLA-BC337-16 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337-16 PHILIPS-BC337-16 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC337-16 SIEMENS-BC337-16 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC337-16 DIOTEC-BC337-16 Datasheet
140Kb / 2P
Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BC337-16 FAIRCHILD-BC337-16 Datasheet
25Kb / 2P
NPN General Purpose Amplifier
More results


Similar Description - BC337-16

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
NPN Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com