Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9018T Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S9018T Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S9018T
Download  S9018T Download
File Size   110.81 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Plastic-Encapsulate Transistors

S9018T Datasheet (PDF)

Go To PDF Page Download Datasheet
S9018T Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S9018T
Download  S9018T Click to download

File Size   110.81 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Plastic-Encapsulate Transistors

S9018T Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


S9018T Product details

FEATURE
   Power dissipation
      PCM : 0.4 W (Tamb=25 °C)
   Collector current
      ICM: 0.05 A
   Collector-base voltage
      V(BR)CBO : 25 V
   Operating and storage junction temperature range
      Tj, Tstg: -55°C to +150°C




Similar Part No. - S9018T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T_15 Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
More results


Similar Description - S9018T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
NPN Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com