Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB140E Datasheet (PDF) - Gulf Semiconductor

SB140E Datasheet PDF - Gulf Semiconductor
Part # SB140E
Download  SB140E Download
File Size   97.88 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A

SB140E Datasheet (PDF)

Go To PDF Page Download Datasheet
SB140E Datasheet PDF - Gulf Semiconductor

Part # SB140E
Download  SB140E Click to download

File Size   97.88 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A

SB140E Datasheet (HTML) - Gulf Semiconductor


SB140E Product details

VOLTAGE: 20 TO 60V CURRENT: 1.0A

FEATURE
    High current capability, Low forward voltage drop
    Low power loss, high efficiency
    High surge capability
    High temperature soldering guaranteed
    250°C /10sec/0.375" lead length at 5 lbs tension

MECHANICAL DATA
   Terminal: Plated axial leads solderable per
                   MIL-STD 202E, method 208C
   Case: Molded with UL-94 Class V-0 recognized Flame
                Retardant Epoxy
   Polarity: color band denotes cathode
   Mounting position: any




Similar Part No. - SB140E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB140E PANJIT-SB140E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB140E SIRECT-SB140E Datasheet
227Kb / 2P
Power Schottky Rectifier - 1Amp 40~100Volt
logo
Pan Jit International I...
SB140E PANJIT-SB140E Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
Low VF/ESD Leaded Schottky Barrier Rectifiers
logo
Sirectifier Global Corp...
SB140EH SIRECT-SB140EH Datasheet
184Kb / 3P
Power Schottky Rectifier - 1Amp 40~200Volt
More results


Similar Description - SB140E

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB520 GULFSEMI-SB520 Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
SB820 GULFSEMI-SB820 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 8.0A
SB1020 GULFSEMI-SB1020 Datasheet
432Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
SB1620CT GULFSEMI-SB1620CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 16.0A
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com