Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBYT42M Datasheet (PDF) - Gulf Semiconductor

SBYT42M Datasheet PDF - Gulf Semiconductor
Part # SBYT42M
Download  SBYT42M Download
File Size   75.86 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE: 1000V CURRENT: 1.25A

SBYT42M Datasheet (PDF)

Go To PDF Page Download Datasheet
SBYT42M Datasheet PDF - Gulf Semiconductor

Part # SBYT42M
Download  SBYT42M Click to download

File Size   75.86 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE: 1000V CURRENT: 1.25A

SBYT42M Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - SBYT42M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBY100505T-060Y-N ETC1-SBY100505T-060Y-N Datasheet
717Kb / 14P
SMD Chip Beads
SBY100505T-100Y-N ETC1-SBY100505T-100Y-N Datasheet
717Kb / 14P
SMD Chip Beads
SBY100505T-102Y-N ETC1-SBY100505T-102Y-N Datasheet
717Kb / 14P
SMD Chip Beads
SBY100505T-121Y-N ETC1-SBY100505T-121Y-N Datasheet
717Kb / 14P
SMD Chip Beads
SBY100505T-152Y-N ETC1-SBY100505T-152Y-N Datasheet
717Kb / 14P
SMD Chip Beads
More results


Similar Description - SBYT42M

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
BYM26E GULFSEMI-BYM26E Datasheet
68Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 2.3A
BYT42AGP GULFSEMI-BYT42AGP Datasheet
78Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.25A
BYT54M GULFSEMI-BYT54M Datasheet
88Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.25A
BYV36E GULFSEMI-BYV36E Datasheet
74Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
GP40M GULFSEMI-GP40M Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 4.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
SR1A GULFSEMI-SR1A Datasheet
187Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SS1A GULFSEMI-SS1A Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SU1A GULFSEMI-SU1A Datasheet
129Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com