Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG4D Datasheet (PDF) - Gulf Semiconductor

UG4D Datasheet PDF - Gulf Semiconductor
Part # UG4D
Download  UG4D Download
File Size   197.91 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?200V CURRENT竊?4.0A

UG4D Datasheet (PDF)

Go To PDF Page Download Datasheet
UG4D Datasheet PDF - Gulf Semiconductor

Part # UG4D
Download  UG4D Click to download

File Size   197.91 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?200V CURRENT竊?4.0A

UG4D Datasheet (HTML) - Gulf Semiconductor


UG4D Product details

VOLTAGE:200V CURRENT:4.0A



FEATURE

• Low power loss

• High surge capability

• Glass passivated chip junction

• Ultra-fast recovery time for high efficiency

• High temperature soldering guaranteed 250℃ /10sec/0.375″ lead length at 5 lbs tension



 




Similar Part No. - UG4D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG4D GE-UG4D Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG4D VISHAY-UG4D Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG4D SEMTECH_ELEC-UG4D Datasheet
222Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG4D VISHAY-UG4D Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG4D VISHAY-UG4D Datasheet
78Kb / 4P
Miniature Ultrafast Plastic Rectifiers
04-May-11
More results


Similar Description - UG4D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1R5GU4G GULFSEMI-1R5GU4G Datasheet
101Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?50V CURRENT竊?.5A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF7 GULFSEMI-31GF7 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
HER603G GULFSEMI-HER603G Datasheet
107Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?200V CURRENT竊?6.0A
RL2JG GULFSEMI-RL2JG Datasheet
61Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?600V CURRENT竊?1.2A
RL3JG GULFSEMI-RL3JG Datasheet
59Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?600V CURRENT竊?2.0A
UF2004A GULFSEMI-UF2004A Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
UG3A GULFSEMI-UG3A Datasheet
251Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com