Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG4D Datasheet (PDF) - General Semiconductor

UG4D Datasheet PDF - General Semiconductor
Part # UG4D
Download  UG4D Download
File Size   48.28 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description ULTRAFAST EFFICIENT PLASTIC RECTIFIER

UG4D Datasheet (PDF)

Go To PDF Page Download Datasheet
UG4D Datasheet PDF - General Semiconductor

Part # UG4D
Download  UG4D Click to download

File Size   48.28 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description ULTRAFAST EFFICIENT PLASTIC RECTIFIER

UG4D Datasheet (HTML) - General Semiconductor


UG4D Product details

Reverse Voltage - 50 to 200 Volts Forward Current - 4.0 Amperes



FEATURES

♦ Plastic package has Underwriters Laboratories

  Flammability Classification 94V-0

♦ Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes

♦ Ultrafast recovery time for high efficiency

♦ Soft recovery characteristics

♦ Excellent high temperature switching

♦ Glass passivated junction

♦ High temperature soldering guaranteed: 250°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - UG4D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG4D VISHAY-UG4D Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG4D SEMTECH_ELEC-UG4D Datasheet
222Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Gulf Semiconductor
UG4D GULFSEMI-UG4D Datasheet
197Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?200V CURRENT竊?4.0A
logo
Vishay Siliconix
UG4D VISHAY-UG4D Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG4D VISHAY-UG4D Datasheet
78Kb / 4P
Miniature Ultrafast Plastic Rectifiers
04-May-11
More results


Similar Description - UG4D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF30G GE-SUF30G Datasheet
43Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UF4001 GE-UF4001 Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG1A GE-UG1A Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG2A GE-UG2A Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG30APT GE-UG30APT Datasheet
73Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG8AT GE-UG8AT Datasheet
41Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGF18ACT GE-UGF18ACT Datasheet
84Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
UG4A TAYCHIPST-UG4A Datasheet
2Mb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
SUF30G SHUNYE-SUF30G Datasheet
492Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com