Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904T Datasheet (PDF) - Micro Commercial Components

MMBT3904T Datasheet PDF - Micro Commercial Components
Part # MMBT3904T
Download  MMBT3904T Download
File Size   115.71 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW NPN General Purpose Amplifier

MMBT3904T Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3904T Datasheet PDF - Micro Commercial Components

Part # MMBT3904T
Download  MMBT3904T Click to download

File Size   115.71 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW NPN General Purpose Amplifier

MMBT3904T Datasheet (HTML) - Micro Commercial Components


MMBT3904T Product details

Features
 • Halogen free available upon request by adding suffix "-HF"
 • Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
 • Operating and Storage Junction Temperatures: -55°C to 150°C
 • Epoxy meets UL 94 V-0 flammability rating
 • Moisure Sensitivity Level 1
 • Collector Current: 0.2A
 • Marking: 1N




Similar Part No. - MMBT3904T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904T DIODES-MMBT3904T Datasheet
178Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30270 Rev. 2 - 2
MMBT3904T DIODES-MMBT3904T Datasheet
434Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30270 Rev. 7 - 2
logo
Fairchild Semiconductor
MMBT3904T FAIRCHILD-MMBT3904T Datasheet
134Kb / 4P
NPN Epitaxial Silicon Transistor
logo
Weitron Technology
MMBT3904T WEITRON-MMBT3904T Datasheet
360Kb / 7P
General Purpose NPN SiliconTransistor
logo
Diodes Incorporated
MMBT3904T DIODES-MMBT3904T Datasheet
179Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
More results


Similar Description - MMBT3904T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT3904T MCC-MMBT3904T_11 Datasheet
221Kb / 3P
150mW NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
MMBT3904T MCC-MMBT3904T_13 Datasheet
249Kb / 3P
NPN General Purpose Amplifier 150mW
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com