Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904T Datasheet (PDF) - Diodes Incorporated

MMBT3904T Datasheet PDF - Diodes Incorporated
Part # MMBT3904T
Download  MMBT3904T Download
File Size   178.12 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR

MMBT3904T Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3904T Datasheet PDF - Diodes Incorporated

Part # MMBT3904T
Download  MMBT3904T Click to download

File Size   178.12 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR

MMBT3904T Datasheet (HTML) - Diodes Incorporated


MMBT3904T Product details

Features
• BVCEO > 40V
• IC = 200mA Collector Current
• Epitaxial Planar Die Construction
• Ultra-Small Surface Mount Package
• Complementary PNP Type: MMBT3906T
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - MMBT3904T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904T DIODES-MMBT3904T Datasheet
434Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30270 Rev. 7 - 2
logo
Fairchild Semiconductor
MMBT3904T FAIRCHILD-MMBT3904T Datasheet
134Kb / 4P
NPN Epitaxial Silicon Transistor
logo
Weitron Technology
MMBT3904T WEITRON-MMBT3904T Datasheet
360Kb / 7P
General Purpose NPN SiliconTransistor
logo
Micro Commercial Compon...
MMBT3904T MCC-MMBT3904T Datasheet
115Kb / 3P
150mW NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT3904T DIODES-MMBT3904T Datasheet
179Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
More results


Similar Description - MMBT3904T

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
2DC4617Q DIODES-2DC4617Q Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 4 - 2
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
MMBT2222AT DIODES-MMBT2222AT_1 Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com