Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120 Datasheet (PDF) - Micro Commercial Components

TIP120 Datasheet PDF - Micro Commercial Components
Part # TIP120
Download  TIP120 Download
File Size   500.77 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Epitaxial Darlington Transistors

TIP120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP120 Datasheet PDF - Micro Commercial Components

Part # TIP120
Download  TIP120 Click to download

File Size   500.77 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Epitaxial Darlington Transistors

TIP120 Datasheet (HTML) - Micro Commercial Components


TIP120 Product details

Features
•  Halogen free available upon request by adding suffix "-HF"
•  Mounting Torgue: 5 in-lbs Maximum
•  Low collector-emitter saturation voltage
•  Amplifier applications-emitter shunt resistors
•  TO-220 compact package
•  Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates RoHS Compliant. See ordering information)
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisure Sensitivity Level 1




Similar Part No. - TIP120

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120 Datasheet
251Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 2
logo
Power Innovations Ltd
TIP120 POINN-TIP120 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP120 STMICROELECTRONICS-TIP120 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results


Similar Description - TIP120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1536M ETC-2SD1536M Datasheet
48Kb / 1P
Epitaxial Planar NPN Silicon Darlington Transistors
logo
Sanyo Semicon Device
2SB1700 SANYO-2SB1700 Datasheet
35Kb / 4P
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
logo
Continental Device Indi...
BCX38A CDIL-BCX38A Datasheet
95Kb / 3P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
MPSA13 TEL-MPSA13 Datasheet
86Kb / 2P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
Micro Commercial Compon...
TIP120 MCC-TIP120_11 Datasheet
526Kb / 2P
NPN Epitaxial Darlington Transistors
logo
Continental Device Indi...
MPSA28 CDIL-MPSA28 Datasheet
125Kb / 4P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
MPSA13 CDIL-MPSA13 Datasheet
298Kb / 3P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
Micro Commercial Compon...
TIP120 MCC-TIP120_13 Datasheet
340Kb / 2P
NPN Epitaxial Darlington Transistors
logo
New Jersey Semi-Conduct...
MPSA28 NJSEMI-MPSA28 Datasheet
180Kb / 2P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
logo
Toshiba Semiconductor
TTD1509B TOSHIBA-TTD1509B Datasheet
269Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type (Darlington Transistor)
2016-09-30 Rev.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com