Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TIP120
Description  NPN Epitaxial Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP120 Datasheet(HTML) 1 Page - Micro Commercial Components

  TIP120 Datasheet HTML 1Page - Micro Commercial Components TIP120 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP120
NPN Epitaxial
Darlington Transistors
Features
•
Low collector-emitter saturation voltage
•
Amplifier applications -emitter shunt resistors
•
TO-220 compact package
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
ICP
Peak Collector Current
8.0
A
IC
Collector Current
5.0
A
PC
Collector power dissipation(Tc=25
)
65
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(I C=100mAdc, IB=0)
60
---
Vdc
ICBO
Collector-Base Cutoff Current
(V CB=60Vdc,IE=0)
---
0.2
mAdc
IEBO
Emitter-Base Cutoff Current
(V EB=5.0Vdc, IC=0)
---
2.0
mAdc
ICEO
Collector-Emitter Cutoff Current
(V CE=30Vdc, IB=0)
---
0.5
mAdc
ON CHARACTERISTICS
hFE-1
Forward Current Transfer Ratio
(I C=0.5Adc, VCE=3.0Vdc)
1000
---
hFE-2
Forward Current Transfer Ratio
(I C=3.0Adc, VCE=3.0Vdc)
1000
---
VCE(sat)-1
Collector-Emitter Saturation Voltage
(I C=3.0Adc, IB=12mAdc)
---
2.0
Vdc
VCE(sat)-2
Collector-Emitter Saturation Voltage
(I C=5.0Adc, IB=20mAdc)
---
4.0
Vdc
VBE(on)
Base-Emitter On Voltage
(I C=3.0Adc, VCE=3.0Adc)
---
2.5
Vdc
TO-220
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 4
2009/08/11
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
• Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
RthJC
Thermal Resistence, Junction to case
RthJA
Thermal Resistence, Junction to ambient
OC/W
OC/W
62.5
1.92
@ Ta=25OC Unless Otherwise Specified
OC


Similar Part No. - TIP120

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120 Datasheet
251Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 2
logo
Power Innovations Ltd
TIP120 POINN-TIP120 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP120 STMICROELECTRONICS-TIP120 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1536M ETC-2SD1536M Datasheet
48Kb / 1P
Epitaxial Planar NPN Silicon Darlington Transistors
logo
Sanyo Semicon Device
2SB1700 SANYO-2SB1700 Datasheet
35Kb / 4P
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
logo
Continental Device Indi...
BCX38A CDIL-BCX38A Datasheet
95Kb / 3P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
MPSA13 TEL-MPSA13 Datasheet
86Kb / 2P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
Micro Commercial Compon...
TIP120 MCC-TIP120_11 Datasheet
526Kb / 2P
NPN Epitaxial Darlington Transistors
logo
Continental Device Indi...
MPSA28 CDIL-MPSA28 Datasheet
125Kb / 4P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
MPSA13 CDIL-MPSA13 Datasheet
298Kb / 3P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
Micro Commercial Compon...
TIP120 MCC-TIP120_13 Datasheet
340Kb / 2P
NPN Epitaxial Darlington Transistors
logo
New Jersey Semi-Conduct...
MPSA28 NJSEMI-MPSA28 Datasheet
180Kb / 2P
NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
logo
Toshiba Semiconductor
TTD1509B TOSHIBA-TTD1509B Datasheet
269Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type (Darlington Transistor)
2016-09-30 Rev.2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com