Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS2103P Datasheet (PDF) - ON Semiconductor

NTLJS2103P Datasheet PDF - ON Semiconductor
Part # NTLJS2103P
Download  NTLJS2103P Download
File Size   147.61 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET

NTLJS2103P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTLJS2103P Datasheet PDF - ON Semiconductor

Part # NTLJS2103P
Download  NTLJS2103P Click to download

File Size   147.61 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET

NTLJS2103P Datasheet (HTML) - ON Semiconductor


NTLJS2103P Product details

MOSFET – Power, Single, P-Channel, μCool, WDFN, 2X2 mm -12 V, -7.7 A

Features
• Recommended Replacement Device − NTLUS3A40P
• WDFN Package Provides Exposed Drain Pad for Excellent Thermal Conduction
• 2x2 mm Footprint Same as SC−88 Package
• Lowest RDS(on) Solution in 2x2 mm Package
• 1.2 V RDS(on) Rating for Operation at Low Voltage Logic Level Gate Drive
• Low Profile (< 0.8 mm) for Easy Fit in Thin Environments
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• High Side Load Switch
• DC−DC Converters (Buck and Boost Circuits)
• Optimized for Battery and Load Management Applications in Portable Equipment
• Li−Ion Battery Linear Mode Charging




Similar Part No. - NTLJS2103P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS2103P ONSEMI-NTLJS2103P Datasheet
135Kb / 6P
Power MOSFET
March, 2011 ??Rev. 3
NTLJS2103PTAG ONSEMI-NTLJS2103PTAG Datasheet
135Kb / 6P
Power MOSFET
March, 2011 ??Rev. 3
NTLJS2103PTBG ONSEMI-NTLJS2103PTBG Datasheet
135Kb / 6P
Power MOSFET
March, 2011 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTLJS2103PTBG VBSEMI-NTLJS2103PTBG Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
NTLJS2103P ONSEMI-NTLJS2103P_11 Datasheet
135Kb / 6P
Power MOSFET
March, 2011 ??Rev. 3
More results


Similar Description - NTLJS2103P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com