Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS2103P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLJS2103P
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS2103P Datasheet(HTML) 1 Page - ON Semiconductor

  NTLJS2103P Datasheet HTML 1Page - ON Semiconductor NTLJS2103P Datasheet HTML 2Page - ON Semiconductor NTLJS2103P Datasheet HTML 3Page - ON Semiconductor NTLJS2103P Datasheet HTML 4Page - ON Semiconductor NTLJS2103P Datasheet HTML 5Page - ON Semiconductor NTLJS2103P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 2
1
Publication Order Number:
NTLJS2103P/D
NTLJS2103P
Power MOSFET
−12 V, −7.7 A, mCoolt Single P−Channel,
2x2 mm, WDFN Package
Features
• WDFN Package Provides Exposed Drain Pad for Excellent Thermal
Conduction
• 2x2 mm Footprint Same as SC−88 Package
• Lowest RDS(on) Solution in 2x2 mm Package
• 1.2 V RDS(on) Rating for Operation at Low Voltage Logic Level Gate
Drive
• Low Profile (< 0.8 mm) for Easy Fit in Thin Environments
• This is a Pb−Free Device
Applications
• High Side Load Switch
• DC−DC Converters (Buck and Boost Circuits)
• Optimized for Battery and Load Management Applications in
Portable Equipment
• Li−Ion Battery Linear Mode Charging
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−12
V
Gate−to−Source Voltage
VGS
±8.0
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−5.9
A
TA = 85°C
−4.2
t ≤ 5 s
TA = 25°C
−7.7
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.9
W
t ≤ 5 s
3.3
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
−3.5
A
TA = 85°C
−2.5
Power Dissipation
(Note 2)
TA = 25°C
PD
0.7
W
Pulsed Drain Current
tp = 10 ms
IDM
−24
A
Operating Junction and Storage Temperature
TJ, TSTG
−55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
−2.7
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface Mounted on FR4 Board using the minimum recommended pad size,
(30 mm2, 2 oz Cu).
http://onsemi.com
−12 V
45 mW @ −1.8 V
25 mW @ −4.5 V
RDS(on) TYP
−5.9 A
ID MAX (Note 1)
V(BR)DSS
60 mW @ −1.5 V
G
S
P−CHANNEL MOSFET
D
J7 = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
J7MG
G
1
2
3
6
5
4
WDFN6
CASE 506AP
MARKING
DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
NTLJS2103PTAG
WDFN6
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
2
3
6
5
4
D
D
G
D
D
S
(Top View)
PIN CONNECTIONS
D
S
S
D
Pin 1
35 mW @ −2.5 V
−5.3 A
−2.0 A
−1.0 A
NTLJS2103PTBG
WDFN6
(Pb−Free)
3000/Tape & Reel
95 mW @ −1.2 V
−0.2 A


Similar Part No. - NTLJS2103P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS2103P ONSEMI-NTLJS2103P Datasheet
135Kb / 6P
Power MOSFET
March, 2011 ??Rev. 3
NTLJS2103PTAG ONSEMI-NTLJS2103PTAG Datasheet
135Kb / 6P
Power MOSFET
March, 2011 ??Rev. 3
NTLJS2103PTBG ONSEMI-NTLJS2103PTBG Datasheet
135Kb / 6P
Power MOSFET
March, 2011 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTLJS2103PTBG VBSEMI-NTLJS2103PTBG Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
NTLJS2103P ONSEMI-NTLJS2103P_11 Datasheet
135Kb / 6P
Power MOSFET
March, 2011 ??Rev. 3
More results

Similar Description - NTLJS2103P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com