Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0109MA Datasheet (PDF) - ON Semiconductor

Z0109MA Datasheet PDF - ON Semiconductor
Part # Z0109MA
Download  Z0109MA Download
File Size   195.51 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Sensitive Gate Triacs Series Silicon Bidirectional Thyristors

Z0109MA Datasheet (PDF)

Go To PDF Page Download Datasheet
Z0109MA Datasheet PDF - ON Semiconductor

Part # Z0109MA
Download  Z0109MA Click to download

File Size   195.51 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Sensitive Gate Triacs Series Silicon Bidirectional Thyristors

Z0109MA Datasheet (HTML) - ON Semiconductor


Z0109MA Product details

Designed for use in solid state relays, MPU interface, TTL logic and any other light industrial or consumer application. Supplied in an inexpensive TO−92 package which is readily adaptable for use in automatic insertion equipment.

Features
• One−Piece, Injection−Molded Package
• Blocking Voltage to 600 V
• Sensitive Gate Triggering in Four Trigger Modes (Quadrants) for all
   possible Combinations of Trigger Sources, and especially for Circuits
   that Source Gate Drives
• All Diffused and Glassivated Junctions for Maximum Uniformity of
   Parameters and Reliability
• Improved Noise Immunity (dv/dt Minimum of 10 V/sec at 110°C)
• Commutating di/dt of 1.6 A/msec at 110°C
• High Surge Current of 8 A
• These are Pb−Free Devices




Similar Part No. - Z0109MA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MA PHILIPS-Z0109MA Datasheet
267Kb / 12P
Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
logo
NXP Semiconductors
Z0109MA NXP-Z0109MA Datasheet
184Kb / 12P
Logic level four-quadrant triac
Rev. 03-4 August 2009
logo
Tiger Electronic Co.,Lt...
Z0109MA TGS-Z0109MA Datasheet
153Kb / 1P
1A TRIACS
More results


Similar Description - Z0109MA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC97 ONSEMI-MAC97 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com