Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0109MA Datasheet (PDF) - Tiger Electronic Co.,Ltd

Z0109MA Datasheet PDF - Tiger Electronic Co.,Ltd
Part # Z0109MA
Download  Z0109MA Download
File Size   153.78 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 1A TRIACS

Z0109MA Datasheet (PDF)

Go To PDF Page Download Datasheet
Z0109MA Datasheet PDF - Tiger Electronic Co.,Ltd

Part # Z0109MA
Download  Z0109MA Click to download

File Size   153.78 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 1A TRIACS

Z0109MA Datasheet (HTML) - Tiger Electronic Co.,Ltd


Z0109MA Product details

GENERAL DESCRIPTION

The Z01 series is suitable for general purpose AC switching applications. They can be found in applications such as home appliances (electrovalve, pump, door lock, small lamp control), fan speed controllers,... Different gate current sensitivities are available, allowing optimized performances when

controlled directly from microcontrollers.



 




Similar Part No. - Z0109MA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MA PHILIPS-Z0109MA Datasheet
267Kb / 12P
Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
logo
NXP Semiconductors
Z0109MA NXP-Z0109MA Datasheet
184Kb / 12P
Logic level four-quadrant triac
Rev. 03-4 August 2009
logo
ON Semiconductor
Z0109MA ONSEMI-Z0109MA Datasheet
195Kb / 10P
Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results


Similar Description - Z0109MA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
logo
JIEJIE MICROELECTRONICS...
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
1A TRIACs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
Standard TRIACs, 1A
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
Standard 1A Triacs
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
1A TRIACs
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
1A 500V/600V BIDIRECTIONAL TRIACS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com