Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2119 Datasheet (PDF) - RF Micro Devices

RF2119 Datasheet PDF - RF Micro Devices
Part # RF2119
Download  RF2119 Download
File Size   82.1 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH EFFICIENCY 2V POWER AMPLIFIER

RF2119 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2119 Datasheet PDF - RF Micro Devices

Part # RF2119
Download  RF2119 Click to download

File Size   82.1 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH EFFICIENCY 2V POWER AMPLIFIER

RF2119 Datasheet (HTML) - RF Micro Devices


RF2119 Product details

Product Description
The RF2119 is a high-power, high-efficiency amplifier IC targeting 2V to 4V handheld systems. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in hand-held digital cellular equipment, spread spectrum systems, and other applications in the 800MHz to 960MHz band. The device is well suited for either CW or pulsed applications.

Features
• Single 2V to 5V Supply
• 30dBm Output Power at 2.5V
• 30dB Small Signal Gain
• 53% Efficiency
• On-board Power Down Mode
• 800MHz to 960MHz Operation

Typical Applications
• Two-Way Pagers
• 915MHz ISM Band Equipment
• Spread-Spectrum Systems
• 3V AMPS/ETACS Cellular Handsets
• CDPD Portable Data Cards
• Personal Digital Cellular




Similar Part No. - RF2119

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2114PCBA RFMD-RF2114PCBA Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2115 RFMD-RF2115 Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115LPCBA RFMD-RF2115LPCBA Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
More results


Similar Description - RF2119

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK417-090 SANYO-STK417-090 Datasheet
140Kb / 3P
2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
logo
List of Unclassifed Man...
DDX-2102 ETC1-DDX-2102 Datasheet
643Kb / 17P
All-Digital High Efficiency Power Amplifier
logo
RF Micro Devices
TA0012 RFMD-TA0012 Datasheet
76Kb / 4P
New High Power, High Efficiency HBT GSM Power Amplifier
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
logo
TriQuint Semiconductor
TQP9309 TRIQUINT-TQP9309_15 Datasheet
686Kb / 8P
High Efficiency 0.5W Small Cell Power Amplifier
logo
Microchip Technology
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
logo
Guerrilla RF, Inc.
GRF5529 GUERRILLA-GRF5529 Datasheet
1Mb / 16P
HIGH EFFICIENCY POWER AMPLIFIER 2.95 GHz
January 23, 2023
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com