Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2114 Datasheet (PDF) - RF Micro Devices

RF2114 Datasheet PDF - RF Micro Devices
Part # RF2114
Download  RF2114 Download
File Size   73.36 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description MEDIUM POWER LINEAR AMPLIFIER

RF2114 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2114 Datasheet PDF - RF Micro Devices

Part # RF2114
Download  RF2114 Click to download

File Size   73.36 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description MEDIUM POWER LINEAR AMPLIFIER

RF2114 Datasheet (HTML) - RF Micro Devices


RF2114 Product details

Product Description
The RF2114 is a medium to high power linear amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final linear RF amplifier in UHF radio transmitters operating between 1MHz and 600MHz. It may also be used as a driver amplifier in higher power applications. The device is selfcontained with the exception of the output matching network, power supply feed line, and bypass capacitors. The device can be used in 3-cell battery applications. The maximum CW output at 3V is 125mW. The unit has a total gain of 35dB, depending upon the output matching network.

Features
• 1MHz to 600MHz Operation
• Over 800mW CW Output Power
• 35dB Small Signal Gain
• Single 2.7V to 6.5V Supply
• 45% Efficiency
• Digitally Controlled Power Down Mode

Typical Applications
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Driver for Higher Power Linear Applications
• Portable Battery-Powered Equipment
• Commercial and Consumer Systems
• Base Station Equipment




Similar Part No. - RF2114

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2115 RFMD-RF2115 Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115LPCBA RFMD-RF2115LPCBA Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
HIGH EFFICIENCY 400MHZ AMPLIFIER
RF2117PCBA RFMD-RF2117PCBA Datasheet
173Kb / 8P
HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Similar Description - RF2114

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2127 RFMD-RF2127 Datasheet
63Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2128 RFMD-RF2128 Datasheet
60Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
RF2128P RFMD-RF2128P Datasheet
134Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com