Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2128 Datasheet (PDF) - RF Micro Devices

RF2128 Datasheet PDF - RF Micro Devices
Part # RF2128
Download  RF2128 Download
File Size   60.95 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description MEDIUM POWER LINEAR AMPLIFIER

RF2128 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2128 Datasheet PDF - RF Micro Devices

Part # RF2128
Download  RF2128 Click to download

File Size   60.95 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description MEDIUM POWER LINEAR AMPLIFIER

RF2128 Datasheet (HTML) - RF Micro Devices


RF2128 Product details

Product Description
The RF2128 is a medium-power, high-efficiency, linear amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in 2.45GHz ISM applications such as WLAN and POS terminals. The part also will function as the final stage in digital PCS phone transmitters requiring linear amplification operating between 1900MHz and 2200MHz, with over 100mW transmitted power, or as the driver stage for the RF2125 high power amplifier. A simple power down function is included for TDD operation.

Features
• Single 3.0V to 6.5V Supply
• 100mW Linear Output Power
• 25dB Small Signal Gain
• 30% Efficiency
• Digitally Controlled Power Down Mode
• 1900MHz to 2500MHz Operation

Typical Applications
• PCS Communication Systems
• 2.5GHz ISM Band Applications
• Wireless LANs
• Commercial and Consumer Systems
• Portable Battery Powered Equipment




Similar Part No. - RF2128

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2128P RFMD-RF2128P Datasheet
134Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
RF2128PPCBA RFMD-RF2128PPCBA Datasheet
134Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
More results


Similar Description - RF2128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2127 RFMD-RF2127 Datasheet
63Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2128P RFMD-RF2128P Datasheet
134Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com