Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2117 Datasheet (PDF) - RF Micro Devices

RF2117 Datasheet PDF - RF Micro Devices
Part # RF2117
Download  RF2117 Download
File Size   173.89 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH EFFICIENCY 400MHZ AMPLIFIER

RF2117 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2117 Datasheet PDF - RF Micro Devices

Part # RF2117
Download  RF2117 Click to download

File Size   173.89 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH EFFICIENCY 400MHZ AMPLIFIER

RF2117 Datasheet (HTML) - RF Micro Devices


RF2117 Product details

General Description
The RF2117 is a high power amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in analog cellular phone transmitters between 400MHz and 500MHz or ISM applications operating at 433MHz. The device is packaged in a low cost 16-lead plastic package with a metal backside. The device is self-contained with the exception of the output matching network and power supply feed line.

Features
• Single 3V to 5.5V Supply
• Up to 2W CW Output Power
• 33dB Small Signal Gain
• >50% Efficiency
• 400MHz to 500MHz Operation

Typical Applications
• 3.6V Analog Handsets
• Analog Communication Systems
• 400MHz Industrial Radios
• Portable Battery Powered Equipment




Similar Part No. - RF2117

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2114PCBA RFMD-RF2114PCBA Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2115 RFMD-RF2115 Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115LPCBA RFMD-RF2115LPCBA Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
More results


Similar Description - RF2117

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2175 RFMD-RF2175 Datasheet
109Kb / 6P
3V 400MHZ LINEAR AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
400MHz Wideband AGC Amplifier
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
400MHZ WIDEBAND AGC AMPLIFIER
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
400MHz Multiplexing Amplifier
September 22, 2005
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
400MHz Multiplexing Amplifier
September 21, 2005
logo
RF Micro Devices
RF2175 RFMD-RF2175_06 Datasheet
129Kb / 6P
3V 400MHz LINEAR AMPLIFIER
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
400MHz Multiplexing Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com