Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2175 Datasheet (PDF) - RF Micro Devices

RF2175 Datasheet PDF - RF Micro Devices
Part # RF2175
Download  RF2175 Download
File Size   109.32 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 400MHZ LINEAR AMPLIFIER

RF2175 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2175 Datasheet PDF - RF Micro Devices

Part # RF2175
Download  RF2175 Click to download

File Size   109.32 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 400MHZ LINEAR AMPLIFIER

RF2175 Datasheet (HTML) - RF Micro Devices


RF2175 Product details

Product Description
The RF2175 is a high-power, high-efficiency linear amplifier IC targeting 3V handheld systems. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in TETRA handheld digital cellular equipment, spread-spectrum systems, and other applications in the 380MHz to 512MHz band.

Features
• Single 3V Supply
• 31.8dBm Linear Output Power
• 37.5dB Linear Gain
• 30% Linear Efficiency
• On-Board Power Down Mode
• 380MHz to 512MHz Operation

Typical Applications
• 3V TETRA Cellular Handsets
• 3V CDMA Cellular Handsets
• Portable Battery-Powered Equipment




Similar Part No. - RF2175

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2175 RFMD-RF2175 Datasheet
129Kb / 6P
3V 400MHz LINEAR AMPLIFIER
RF2175PCBA RFMD-RF2175PCBA Datasheet
129Kb / 6P
3V 400MHz LINEAR AMPLIFIER
RF2175 RFMD-RF2175_06 Datasheet
129Kb / 6P
3V 400MHz LINEAR AMPLIFIER
More results


Similar Description - RF2175

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2175 RFMD-RF2175_06 Datasheet
129Kb / 6P
3V 400MHz LINEAR AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com