Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2175 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2175
Description  3V 400MHZ LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2175 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2175 Datasheet HTML 1Page - RF Micro Devices RF2175 Datasheet HTML 2Page - RF Micro Devices RF2175 Datasheet HTML 3Page - RF Micro Devices RF2175 Datasheet HTML 4Page - RF Micro Devices RF2175 Datasheet HTML 5Page - RF Micro Devices RF2175 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary
2-247
RF2175
Rev A6 010718
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
C3
1nF
C2
2.2 uF
L4
56 nH
L5
4.7 nH
C6
1nF
C8
100 pF
C5
2.2 uF
L6
12.55 nH
Bias
15
11
10
9
2
7
12
13
14
16
8
6
5
4
3
1
VREG
VMODE
C9
56 pF
L1
3.6 nH
C14
2.2 uF
C15
100 pF
C10
12 pF
C11
1nF
C13
5.1 pF
VCC
R1
0
Ω
50
Ωµstrip
J1
RF IN
VCC
C4
100 pF
50
Ωµstrip
J2
RF OUT
2175400A
P1
1
2
3
CON3
GND
P1-1
VCC
P1-3
VREG
P2
1
2
3
CON3
GND
P2-3
VMODE
P2-1
VCC
L3
33 nH
C16
4.7 pF
L7
5.6 nH
L2
33 nH
C17
4.7
µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com