Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2175 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2175
Description  3V 400MHZ LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2175 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2175 Datasheet HTML 1Page - RF Micro Devices RF2175 Datasheet HTML 2Page - RF Micro Devices RF2175 Datasheet HTML 3Page - RF Micro Devices RF2175 Datasheet HTML 4Page - RF Micro Devices RF2175 Datasheet HTML 5Page - RF Micro Devices RF2175 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
2-245
RF2175
Rev A6 010718
2
Pin
Function
Description
Interface Schematic
1VCC
Power supply for input bias circuitry. A 1nF high frequency bypass
capacitor is recommended.
2L TUNE
Interstage Tuning. A shunt inductor to GND is required to optimize the
match.
3NC
No connection.
4Q1C
Power supply for stage 1. VCC should be fed through a 25nH or greater
inductor with a decoupling capacitor on the VCC side.
5GND1
Ground for stage 1. For best performance, keep traces physically short
and connect immediately to ground plane. This ground should be iso-
lated from the backside ground contact.
6RF IN
RF input. An external DC blocking capacitor is required if this port is
connected to a DC path to ground or a DC voltage.
7NC
No connection.
8VREG
Power Down control. When this pin is “low”, all circuits are shut off.
When this pin is 2.8V, all circuits are operating normally. VPD requires a
regulated 2.8V for the amplifier to operate properly over all specified
temperature and voltage ranges. A dropping resistor from a higher reg-
ulated voltage may be used to provide the required 2.8V. A 100pF high
frequency bypass capacitor is recommended.
9NC
No connection.
10
NC
No connection.
11
NC
No connection.
12
RF OUT
RF output and power supply for the output stage. The bias for the out-
put stage is provided through this pin and pin 13. An external matching
network is required to provide the optimum load impedance; see the
application schematics for details.
13
RF OUT
Same as pin 12.
14
RF OUT
Harmonic trap. This pin connects to the RF output but is used for pro-
viding a low impedance to the second harmonic of the operating fre-
quency. An inductor or transmission line resonating with a shunt
capacitor at 2f0 is connected to this pin.
15
NC
No connection.
16
VBIAS
The bias pin allows higher efficiency in low power power modes. When
operating at full output, VBIAS should be 2.8V.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad, which is connected to the ground plane with
multiple vias. The pad should have a short thermal path to the ground
plane.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com