Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2196 Datasheet (PDF) - RF Micro Devices

RF2196 Datasheet PDF - RF Micro Devices
Part # RF2196
Download  RF2196 Download
File Size   180.0 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V PCS LINEAR POWER AMPLIFIER

RF2196 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2196 Datasheet PDF - RF Micro Devices

Part # RF2196
Download  RF2196 Click to download

File Size   180.0 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V PCS LINEAR POWER AMPLIFIER

RF2196 Datasheet (HTML) - RF Micro Devices


RF2196 Product details

Product Description
The RF2196 is a high-power, high-efficiency linear amplifier IC targeting 3V handheld systems. The device is manufactured on an advanced Gallium Arsenide process, and has been designed for use as the final RF amplifier in 3V CDMA and CDMA2000 handsets as well as other applications in the 1750MHz to 1910MHz band. The RF2196 has a low power mode to extend battery life under low output power conditions. The package is an ultra small 4mmx4mm leadless plastic package with backside ground.

Features
• Single 3V Supply
• 29dBm Linear Output Power
• 35% Linear Efficiency
• Low Power Mode (Up to 20dBm)
• 55mA Idle Current

Typical Applications
• 3V CDMA PCS Handsets
• 3V CDMA KPCS Handsets
• 3V TDMA/GAIT PCS Handsets
• 3 V CDMA 2000 PCS Handsets
• Spread-Spectrum Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2196

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
RF2196PCBA-41X RFMD-RF2196PCBA-41X Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF2196PCBA-41X RFMD-RF2196PCBA-41X Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
More results


Similar Description - RF2196

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2146 RFMD-RF2146 Datasheet
129Kb / 8P
PCS LINEAR POWER AMPLIFIER
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
3V PCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_1 Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com