Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2129 Datasheet (PDF) - RF Micro Devices

RF2129 Datasheet PDF - RF Micro Devices
Part # RF2129
Download  RF2129 Download
File Size   83.94 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V, 2.5GHZ LINEAR POWER AMPLIFIER

RF2129 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2129 Datasheet PDF - RF Micro Devices

Part # RF2129
Download  RF2129 Click to download

File Size   83.94 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V, 2.5GHZ LINEAR POWER AMPLIFIER

RF2129 Datasheet (HTML) - RF Micro Devices


RF2129 Product details

Product Description
The RF2129 is a linear, medium power, high efficiency amplifier IC designed specifically for low voltage operation. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in 2.5GHz spread spectrum transmitters. The device is packaged in an 8-lead plastic package with a backside ground and is self-contained with the exception of the output matching network and power supply feed line.

Features
• Single 3.3V Power Supply
• +26dBm Saturated Output Power
• 27dB Small Signal Gain
• High Power Added Efficiency
• Power Down Mode
• 1800MHz to 2500MHz Frequency Range

Typical Applications
• 2.5GHz ISM Band Applications
• PCS Communication Systems
• Wireless LAN Systems
• Commercial and Consumer Systems
• Portable Battery Powered Equipment
• Broadband Spread Spectrum Systems




Similar Part No. - RF2129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF212 ETC-RF212 Datasheet
89Kb / 9P
Image-Reject Front End for Dual or Tri-Band GSM Applications
RF212-11 ETC-RF212-11 Datasheet
89Kb / 9P
Image-Reject Front End for Dual or Tri-Band GSM Applications
RF212-21 ETC-RF212-21 Datasheet
89Kb / 9P
Image-Reject Front End for Dual or Tri-Band GSM Applications
logo
RF Micro Devices
RF2123 RFMD-RF2123 Datasheet
312Kb / 4P
Base Station Equipment
RF2125 RFMD-RF2125 Datasheet
104Kb / 6P
HIGH POWER LINEAR AMPLIFIER
More results


Similar Description - RF2129

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_1 Datasheet
288Kb / 12P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com