Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2129 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2129
Description  3V, 2.5GHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2129 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2129 Datasheet HTML 1Page - RF Micro Devices RF2129 Datasheet HTML 2Page - RF Micro Devices RF2129 Datasheet HTML 3Page - RF Micro Devices RF2129 Datasheet HTML 4Page - RF Micro Devices RF2129 Datasheet HTML 5Page - RF Micro Devices RF2129 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-93
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
VCC2
VCC2
NC
RF IN
VCC1
RF OUT
RF OUT
PC
BIAS
CIRCUITS
PACKAGE BASE
GND
RF2129
3V, 2.5GHZ LINEAR POWER AMPLIFIER
• 2.5GHz ISM Band Applications
• PCS Communication Systems
• Wireless LAN Systems
• Commercial and Consumer Systems
• Portable Battery Powered Equipment
• Broadband Spread Spectrum Systems
The RF2129 is a linear, medium power, high efficiency
amplifier IC designed specifically for low voltage opera-
tion. The device is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (HBT) pro-
cess, and has been designed for use as the final RF
amplifier in 2.5GHz spread spectrum transmitters. The
device is packaged in an 8-lead plastic package with a
backside ground and is self-contained with the exception
of the output matching network and power supply feed
line.
• Single 3.3V Power Supply
• +26dBm Saturated Output Power
• 27dB Small Signal Gain
• High Power Added Efficiency
• Power Down Mode
• 1800MHz to 2500MHz Frequency Range
RF2129
3V, 2.5GHz Linear Power Amplifier
RF2129 PCBA
Fully Assembled Evaluation Board
2
Rev B4 000323
.157
.150
.035
.016
8°MAX
0°MIN
.061
.055
.196
.189
.244
.230
.050
.010
.007
.010
.004
.019
.014
1
EXPOSED
HEATSINK
.087
.071
.123
.107
Refer to “Handling of PSOP and PSSOP Products” on page 16-15
for special handling information.
Package Style: PSOP-8


Similar Part No. - RF2129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF212 ETC-RF212 Datasheet
89Kb / 9P
Image-Reject Front End for Dual or Tri-Band GSM Applications
RF212-11 ETC-RF212-11 Datasheet
89Kb / 9P
Image-Reject Front End for Dual or Tri-Band GSM Applications
RF212-21 ETC-RF212-21 Datasheet
89Kb / 9P
Image-Reject Front End for Dual or Tri-Band GSM Applications
logo
RF Micro Devices
RF2123 RFMD-RF2123 Datasheet
312Kb / 4P
Base Station Equipment
RF2125 RFMD-RF2125 Datasheet
104Kb / 6P
HIGH POWER LINEAR AMPLIFIER
More results

Similar Description - RF2129

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_1 Datasheet
288Kb / 12P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com