Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2125 Datasheet (PDF) - RF Micro Devices

RF2125 Datasheet PDF - RF Micro Devices
Part # RF2125
Download  RF2125 Download
File Size   104.66 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH POWER LINEAR AMPLIFIER

RF2125 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2125 Datasheet PDF - RF Micro Devices

Part # RF2125
Download  RF2125 Click to download

File Size   104.66 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH POWER LINEAR AMPLIFIER

RF2125 Datasheet (HTML) - RF Micro Devices


RF2125 Product details

Product Description
The RF2125 is a high power, high efficiency linear amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in digital PCS phone transmitters and base stations requiring linear amplification operating between 1500MHz and 2200MHz.

Features
• Single 2.7V to 7.5V Supply
• 1W Output Power
• 14dB Gain
• 45% Efficiency
• Power Down Mode
• 1500MHz to 2200MHz Operation

Typical Applications
• PCS Communication Systems
• Digital Communication Systems
• DECT Cordless Applications
• Commercial and Consumer Systems
• Portable Battery Powered Equipment




Similar Part No. - RF2125

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2125P RFMD-RF2125P Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2125PPCBA RFMD-RF2125PPCBA Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
More results


Similar Description - RF2125

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
RF2125P RFMD-RF2125P Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2126 RFMD-RF2126 Datasheet
57Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2126 RFMD-RF2126_07 Datasheet
184Kb / 10P
HIGH POWER LINEAR AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com