Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF212 Datasheet (PDF) - List of Unclassifed Manufacturers

RF212 Datasheet PDF - List of Unclassifed Manufacturers
Part # RF212
Download  RF212 Download
File Size   89.58 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Image-Reject Front End for Dual or Tri-Band GSM Applications

RF212 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF212 Datasheet PDF - List of Unclassifed Manufacturers

Part # RF212
Download  RF212 Click to download

File Size   89.58 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Image-Reject Front End for Dual or Tri-Band GSM Applications

RF212 Datasheet (HTML) - List of Unclassifed Manufacturers


RF212 Product details

[Conexant]

The RF212 device is available as a dual-band (EGSM900/DCS1800) front end or as a tri-band (EGSM900/DCS1800/PCS1900) front end for Global System for Mobile Communications (GSM) mobile telephony applications. Each device integrates all the required front-end components after the frequency pre-select filters. These components include the Low Noise Amplifiers (LNAs), the internal image-reject filters, mixers, and a Local Oscillator (LO) amplifier.

Features
• Supports EGSM
• LNA and mixer for RF to IF conversion
• 12 dB or 20 dB switchable gain step
• Minimum 35 dB of image rejection
• No external post-LNA filters required
• Common Intermediate Frequency (IF) port for all bands
• IF range from 350 MHz to 450 MHz
• High isolation LO input buffer
• Differential IF output
• High dynamic range with low current consumption
• Three-cell battery operation (2.7 to 3.6 V)
• 20-pin Exposed paddle, Thin Shrink Small Outline Package (ETSSOP)

Applications
• Dual/tri-band digital cellular mobile telephony (EGSM900/DCS1800, or EGSM900/DCS1800/PCS1900)




Similar Part No. - RF212

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2123 RFMD-RF2123 Datasheet
312Kb / 4P
Base Station Equipment
RF2125 RFMD-RF2125 Datasheet
104Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2125P RFMD-RF2125P Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2125PCBA RFMD-RF2125PCBA Datasheet
104Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2125PPCBA RFMD-RF2125PPCBA Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
More results


Similar Description - RF212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2073AM PHILIPS-UAA2073AM Datasheet
157Kb / 20P
Image rejecting front-end for GSM applications
1997 Jan 27
UAA2073M PHILIPS-UAA2073M Datasheet
105Kb / 16P
Image rejecting front-end for GSM applications
1995 Dec 07
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
Image rejecting front-end for DECT applications
1996 Jul 04
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Synaptics Incorporated.
RF210A CONEXANT-RF210A Datasheet
77Kb / 8P
Dual-Band, Image-Reject Downconverters For GSM Applications
logo
Skyworks Solutions Inc.
SKY77528 SKYWORKS-SKY77528 Datasheet
79Kb / 2P
Tx Front-End Module for Quad-Band GSM / EDGE
SKY77546 SKYWORKS-SKY77546 Datasheet
77Kb / 2P
Tx - Rx Front-End Module for Dual-Band GSM / GPRS / EDGE
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
Multimode Multiband Front-End Module for Quad-Band GSM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com