Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2129 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2129
Description  3V, 2.5GHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2129 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2129 Datasheet HTML 1Page - RF Micro Devices RF2129 Datasheet HTML 2Page - RF Micro Devices RF2129 Datasheet HTML 3Page - RF Micro Devices RF2129 Datasheet HTML 4Page - RF Micro Devices RF2129 Datasheet HTML 5Page - RF Micro Devices RF2129 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-96
RF2129
Rev B4 000323
2
Application Schematic
2.45GHz Operation
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
PACKAGE BASE
3.3 pF
33 pF
10 pF
1.1 pF
33 pF
RF IN
RF OUT
1nF
3.3
µF
V
CC
Power
Control
5
8.2 nH
22 pF
100 pF
1nF
BIAS
CIRCUITS
36 pF
1
2
3
4
8
7
6
5
PACKAGE BASE
C1
3.3 pF
C3
33 pF
C8
10 pF
C4
1.1 pF
C2
33 pF
C10
1nF
C11
3.3
µF
V
CC
Power
Control
50
R1
5
L12
8.2 nH
C13
22 pF
C7
3.3
µF
C12
1nF
BIAS
CIRCUITS
C9
36 pF
50
L=0.250"
C6
3.3
µF
RF OUT
RF IN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com