Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2146 Datasheet (PDF) - RF Micro Devices

RF2146 Datasheet PDF - RF Micro Devices
Part # RF2146
Download  RF2146 Download
File Size   129.19 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS LINEAR POWER AMPLIFIER

RF2146 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2146 Datasheet PDF - RF Micro Devices

Part # RF2146
Download  RF2146 Click to download

File Size   129.19 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS LINEAR POWER AMPLIFIER

RF2146 Datasheet (HTML) - RF Micro Devices


RF2146 Product details

Product Description
The RF2146 is a high-power, high-efficiency linear amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in 4-cell CDMA handheld digital cellular equipment, spread-spectrum systems, and other applications in the 1500MHz to 2000MHz band. The device is selfcontained with 50Ω input and the output can be easily matched to obtain optimum power, efficiency, and linearity characteristics.

Features
• Single 4V to 6.5V Supply
• 28.5dBm Linear Output Power
• 18.5dB Gain With Analog Gain Control
• 37% Linear Efficiency
• On-board Power Down Mode
• 1500MHz to 2000MHz Operation

Typical Applications
• 4.8V CDMA PCS Handsets
• 4.8V TDMA PCS Handsets
• 4.8V PACS PCS Handsets
• Driver Amplifier in Cellular Base Stations
• Portable Battery-Powered Equipment




Similar Part No. - RF2146

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2140PCBA RFMD-RF2140PCBA Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2145 RFMD-RF2145 Datasheet
76Kb / 6P
DCS1800/1900 POWER AMPLIFIER
RF2145PCBA RFMD-RF2145PCBA Datasheet
76Kb / 6P
DCS1800/1900 POWER AMPLIFIER
More results


Similar Description - RF2146

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
logo
Fairchild Semiconductor
RMBA19500 FAIRCHILD-RMBA19500 Datasheet
93Kb / 7P
PCS 2 Watt Linear GaAs MMIC Power Amplifier
logo
ANADIGICS, Inc
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 1.0
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 2.0
logo
RF Micro Devices
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_1 Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com