Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2145 Datasheet (PDF) - RF Micro Devices

RF2145 Datasheet PDF - RF Micro Devices
Part # RF2145
Download  RF2145 Download
File Size   76.57 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DCS1800/1900 POWER AMPLIFIER

RF2145 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2145 Datasheet PDF - RF Micro Devices

Part # RF2145
Download  RF2145 Click to download

File Size   76.57 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DCS1800/1900 POWER AMPLIFIER

RF2145 Datasheet (HTML) - RF Micro Devices


RF2145 Product details

Product Description
The RF2145 is a high power, high efficiency amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in a 4-cell DCS1800 or DCS1900 handset. The device is packaged in a 16-lead plastic package with wide ground leads, and is self-contained with the exception of the output matching network and power supply feed line. Only a single positive voltage is required to operate with full power and efficiency, and on-board power control and power-down functions are provided.

Features
• Single 4.8V Power Supply
• +32dBm Output Power
• 28dB Small Signal Gain
• 55% Power Added Efficiency
• Power Control
• 1700MHz to 1900MHz Frequency Range

Typical Applications
• 4.8V DCS1800/1900 Handsets
• 3V DECT Handsets and Base Stations
• Commercial and Consumer Systems
• Portable Battery Powered Equipment




Similar Part No. - RF2145

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2140PCBA RFMD-RF2140PCBA Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2146 RFMD-RF2146 Datasheet
129Kb / 8P
PCS LINEAR POWER AMPLIFIER
RF2146PCBA RFMD-RF2146PCBA Datasheet
129Kb / 8P
PCS LINEAR POWER AMPLIFIER
More results


Similar Description - RF2145

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1078-2 MITSUBISHI-MA1078-2 Datasheet
23Kb / 1P
For DCS1800 - 20W Power Amplifier
MA1100-1 MITSUBISHI-MA1100-1 Datasheet
23Kb / 1P
For DCS1800 - 30W Power Amplifier
logo
Motorola, Inc
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Renesas Technology Corp
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
logo
Skyworks Solutions Inc.
AP119-89 SKYWORKS-AP119-89 Datasheet
35Kb / 4P
GaAs IC DCS 1800/1900 Power Amplifier
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
Power Amplifier Module for Dual-band GSM900 DCS1800
logo
Renesas Technology Corp
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com