Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2145 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2145
Description  DCS1800/1900 POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2145 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2145 Datasheet HTML 1Page - RF Micro Devices RF2145 Datasheet HTML 2Page - RF Micro Devices RF2145 Datasheet HTML 3Page - RF Micro Devices RF2145 Datasheet HTML 4Page - RF Micro Devices RF2145 Datasheet HTML 5Page - RF Micro Devices RF2145 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-141
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PC
GND
GND
VCC1
RF IN
GND
GND
NC
NC
GND
GND
RF OUT
RF OUT
GND
GND
NC
RF2145
DCS1800/1900 POWER AMPLIFIER
• 4.8V DCS1800/1900 Handsets
• 3V DECT Handsets and Base Stations
• Commercial and Consumer Systems
• Portable Battery Powered Equipment
TheRF2145 is ahighpower,highefficiency amplifier IC.
The device is manufactured on an advanced Gallium Ars-
enide Heterojunction Bipolar Transistor (HBT) process,
and has been designed for use as the final RF amplifier in
a 4-cell DCS1800 or DCS1900 handset. The device is
packaged in a 16-lead plastic package with wide ground
leads, and is self-contained with the exception of the out-
put matching network and power supply feed line. Only a
single positive voltage is required to operate with full
power and efficiency, and on-board power control and
power-down functions are provided.
• Single 4.8V Power Supply
• +32dBm Output Power
• 28dB Small Signal Gain
• 55% Power Added Efficiency
• Power Control
• 1700MHz to 1900MHz Frequency Range
RF2145
DCS1800/1900 Power Amplifier
RF2145 PCBA
Fully Assembled Evaluation Board
2
Rev B5 010329
.059
.054
.050
.392
.386
.035
.016
.244
.230
8°MAX
0°MIN
.010
.008
.158
.150
.069
.064
1
.009
.004
.020
.014
Package Style: SOP-16 QBW1


Similar Part No. - RF2145

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2140PCBA RFMD-RF2140PCBA Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2146 RFMD-RF2146 Datasheet
129Kb / 8P
PCS LINEAR POWER AMPLIFIER
RF2146PCBA RFMD-RF2146PCBA Datasheet
129Kb / 8P
PCS LINEAR POWER AMPLIFIER
More results

Similar Description - RF2145

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1078-2 MITSUBISHI-MA1078-2 Datasheet
23Kb / 1P
For DCS1800 - 20W Power Amplifier
MA1100-1 MITSUBISHI-MA1100-1 Datasheet
23Kb / 1P
For DCS1800 - 30W Power Amplifier
logo
Motorola, Inc
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Renesas Technology Corp
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
logo
Skyworks Solutions Inc.
AP119-89 SKYWORKS-AP119-89 Datasheet
35Kb / 4P
GaAs IC DCS 1800/1900 Power Amplifier
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
Power Amplifier Module for Dual-band GSM900 DCS1800
logo
Renesas Technology Corp
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com