Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2145 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2145
Description  DCS1800/1900 POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2145 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2145 Datasheet HTML 1Page - RF Micro Devices RF2145 Datasheet HTML 2Page - RF Micro Devices RF2145 Datasheet HTML 3Page - RF Micro Devices RF2145 Datasheet HTML 4Page - RF Micro Devices RF2145 Datasheet HTML 5Page - RF Micro Devices RF2145 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-144
RF2145
Rev B5 010329
2
Application Schematic
DCS 1800
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
18
33 pF
2.7 nH
RF IN
33 pF
VCC2
22 nH
470
2.0 pF
PC
470 pF
33 pF
3.0 pF
3.3 pF
VCC
RF OUT
1.1 pF
3
33 pF
100 pF
270
33 pF
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
µstrip
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R1
18
C8
33 pF
L1
2.7 nH
RF IN
J1
C1
33 pF
VCC2
L2
22 nH
R2
470
C5
2.0 pF
C10
1nF
C2
1
µF
C6
470 pF
C4
33 pF
C26
3.0 pF
C25
1nF
C29
3.3 pF
VCC
RF OUT
J2
C23
10
µF
C9
1.1 pF
R4
3
C13
33 pF
C7
100 pF
R3
270
C12
33 pF
PC
J1
NC
P1-3
P1
GND
1
2
3
VCC
NC
P2-3
P2
GND
1
2
3
VCC2
2145400-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com